Part Number Hot Search : 
BCR10 78R05F 1000B PCT1600A 13003 EDZ13B C3835G SG330
Product Description
Full Text Search
 

To Download BAT54C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54 ...A ...C ...S
Schottky-Diodes
Surface mount Schottky-Barrier Single-/ Double-Diodes Schottky-Barrier Einzel-/ Doppel-Dioden fur die Oberflachenmontage
Version 2004-03-10
Power dissipation - Verlustleistung
2.9 0.1 0.4
3
310 mW 30 V SOT-23 (TO-236) 0.01 g
1.1
Repetitive peak reverse voltage Periodische Spitzensperrspannung
1.3 0.1
Type Code
1 2
2.5 max
Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm
Maximum ratings (TA = 25C) per diode / pro Diode Max. average forward current (dc) Dauergrenzstrom Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current Stostrom-Grenzwert Repetitive peak reverse voltage Periodische Spitzensperrspannung Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur tp 10 ms tp 5 s IFAV IFRM IFSM IFSM VRRM Tj TS
Grenzwerte (TA = 25C) BAT54, BAT54A, BAT54C, BAT54S 200 mA 1) 300 mA 1) 1A 8A 30 V 125C - 55...+ 150C
Characteristics (Tj = 25C) Forward voltage - Durchlaspannung 2) IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 30 mA IF = 100 mA VR = 25 V VR = 30 V VF VF VF VF VF IR IR
Kennwerte (Tj = 25C) < 240 mV < 320 mV < 400 mV < 500 mV < 1000 mV < 2 A < 3 A
Leakage current - Sperrstrom 2)
) Mounted on P.C. board with 25 mm2 copper pads at each terminal Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 s, duty cycle 2% - Gemessen mit Impulsen tp = 300 s, Schaltverhaltnis 2%
1
1
Schottky-Diodes
BAT54 ...A ...C ...S
Characteristics (Tj = 25C) Max. junction Capacitance - Max. Sperrschichtkapazitat VR = 1 Vdc, f = 1 MHz Reverse recovery time - Sperrverzug IF = 10 mA uber / through IR = 10 mA bis / to IR = 1 mA Critical rate of rise of voltage Kritische Spannungsanstiegsgeschwindigkeit Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Outline - Gehause
3
Kennwerte (Tj = 25C) CT trr dv/dt RthA 10 pF < 5 ns 10000 V/s 420 K/W 1)
Pinning - Anschlubelegung Single diode - Einzeldiode 1 = A 2 = n.c. 3 = K
Marking - Stempelung BAT54 = L4 or / oder = KL1
1 3
2
Double diode, common anode Doppeldiode, gemeins. Anode
2
BAT54A = L42 or / oder = KL2
1 3
1 = K1 2 = K2 3 = A1 / A2 Double diode, common cathode Doppeldiode, gemeins. Katode
BAT54C = L43 or / oder = KL3
1 3
2
1 = A1 2 = A2 3 = K1 / K2 Double diode, series connect. Doppeldiode, Reihenschaltung
BAT54S = L44 or / oder = KL4
1
2
1 = A1 2 = K2 3 = K1 / A2
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu
2


▲Up To Search▲   

 
Price & Availability of BAT54C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X